Part Number Hot Search : 
MP4012DS MANO825 ISL66 PM070WX9 AD799107 EZ1587 MX250 EZ1587
Product Description
Full Text Search
 

To Download CAT5111PI-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT5111 & CAT5113
100-Tap Digitally Programmable Potentiometers (DPPTM)
* Lower system cost * No calibration tools needed * No moving parts
FEATURE S H E E T
FLAS H * Serial E E PR O M * Parallel E E PR O M * NVR AM * Digitally Programmable Potentiometers * Microprocessor Supervisors
BENEFITS
Electronic replacement for mechanical potentiometers and trimmers!
* Space saving surface mount packages * Electronically automate system adjustments * Improve system reliability
CS U/D
Vcc
RH
CAT5113
Vcc
INC
Nonvolatile Memory
+ -
RWB
RH U/D
* Will not wear out
Power On Recall
RL
INC
Nonvolatile Memory
RW
GND
FEATURES
* 100 Position linear taper * Nonvolatile wiper position storage * Low power CMOS technology * Single supply operation: 2.5V to 6.0V * Increment up/down control * Buffered output, CAT5111 * Resistor values: 10K and 100K ohms
CS
CAT5111
Power On Recall
RL
GND
DESCRIPTION
The CAT5111 and CAT5113 are 100-tap digitally programmable potentiometers (DPPTM) whose wiper positions are set by a simple 3-wire digital up/down interface. Designed to be used as electronic replacements for mechanical pots and trimmers, these devices are ideal for systems requiring automated or self-calibration. Unlike mechanical pots, DPPs operate reliably in hazardous environments and eliminate mechanical "wear and tear." Resistor tap points are connected to the output through CMOS switches or in the case of the CAT5111, through a unity gain buffer amplifier. Selection of the output tap position is controlled by an up/down counter which does not wrap around. The value of the counter can be stored in nonvolatile memory at power down and automatically recalled when power is restored. Available in 8-lead plastic DIP, SOIC, TSSOP and MSOP packages, they can be mounted anywhere in the system, unlike mechanical pots that require physical access or bulky shafts and knobs. DPPs bring variability and programmability to a wide range of applications including control, parameter adjustments and signal processing.
PACKAGE OPTIONS
* Available in 8-lead PDIP, SOIC, TSSOP and MSOP packages
CS VCC 1 2 3 4 8 7 6 5 RL RWB/RW* GND RH
INC
U/D
TSSOP packages
8 7 6 5 VCC CS RL RWB/RW*
INC
U/D RH GND
1 2 3 4
*RW (5113)
DIP/SOIC/MSOP packages
www.catalyst-semiconductor.com
Customer Service & Technical Support Hotline 800-258-5991
Catalyst Semiconductor, Inc. * 1250 Borregas Avenue * Sunnyvale, CA 9408 9-1309 * TEL [408] 542-1000 * FAX [408] 542-1200
TYPICAL APPLICATION
VS
CAT5113
DIGITAL CONTROL
+
+ -
CAT5111 & CAT5113
VOUT
INPUT
CAT5114
FL AS H * Serial E E PRO M * Parallel E E PR O M * N VR AM * Digitally Programmable Potentiometers * Microprocessor Supervisors
FEATURE S H E E T
APPLICATIONS
* Connect as a three-terminal POT or a twoterminal variable resistor * Automated system calibration * Remote control adjustment of equipment * Mechanical POT replacement * Offset, gain and zero adjustments in selfcalibrating and adaptive control systems * Tamper-proof calibration * Hazardous environment system adjustments * Vibration proof systems * Optical communication systems * Contrast and brightness controls * Motor control * Volume controls * Programmable analog functions * Amplifier bias control * Bias control * Temperature control systems * Sensor adjustments
DPPTM SELECTION GUIDE
Part CAT5111 CAT5112 CAT5113 CAT5114 CAT521 CAT522 CAT523 CAT524 CAT525 Type Single Single Single Single Single Dual Dual Quad Quad Taps 100 32 100 32 256 256 256 256 256 Resistance Options (k) 10, 100 10, 100 10, 100 10, 100 28 28 28 28 28 Buffered Wiper Yes Yes No No Yes Yes Yes Yes Yes Independent Reference Input NA NA NA NA NA Yes No No Yes Digital Interface Increment/ Decrement Increment/ Decrement Increment/ Decrement Increment/ Decrement 3 wire 3 wire 3 wire 3 wire 3 wire Supply Type Single Single Single Single Single Single Single Single Single Supply Range (V) 2.5-6.0 2.5-6.0 2.5-6.0 2.5-6.0 2.7-5.5 2.7-5.5 2.7-5.5 2.7-5.5 2.7-5.5
Package
8-pin DIP, SOIC, MSOP, TSSOP 8-pin DIP, SOIC, MSOP, TSSOP 8-pin DIP, SOIC, MSOP, TSSOP 8-pin DIP, SOIC, MSOP, TSSOP 14-pin DIP, SOIC 14-pin DIP, SOIC 14-pin DIP, SOIC 14-pin DIP, SOIC 20-pin DIP, SOIC
DPPTM is a trademark of Catalyst Semiconductor.
www.catalyst-semiconductor.com
Document No. 7011, Rev.A, 3/1/02
CAT5111 & CAT5113
REQUEST FORM
Samples & Literature
FL ASH * Serial EEPROM * Parallel EEPROM * NVR AM * Digitally Programmable Potentiometers * Microprocessor Supervisors To obtain samples or data sheets, mail this form or fax to (408) 542-1200. Data sheets are available directly from our web site at www.catalyst-semiconductor.com. QUESTIONNAIRE WWW.CATALYST-SEMICONDUCTOR.COM
Please take a moment to answer the brief questions below. Questions marked with an asterisk (*) are required fields for processing your sample requests. Thank you for your support and for making Catalyst Semiconductor your choice for chip technology!
* 1) Will this information be used for a project that will be in production....
3) What is your role on this project? Designer
Now
Next 2 - 6 months Next 7 - 12 months
13 - 18 months
* 2) What is the name of your project?______________________________________________________________
Component Engineer Purchasing Project Manager 1k-10k Units Other Fewer than 1k Units Entertainment 4) What do you expect your annual usage to be? 100k-1 Million Units 10k-100k Units
* 5) What is the primary end-use of this product?
Motor control Computer systems & peripherals Medical Power
Data communications Test
Wireless communications Home appliances Industrial control Handheld instruments Other__________________ PRODUCT NUMBER
Telecomm
PDAs
DESCRIPTION
PACKAGE
8-lead DIP 8-lead TSSOP 8-lead DIP 8-lead TSSOP 8-lead SOIC 8-lead MSOP 8-lead SOIC 8-lead MSOP
TEMPERATURE RANGE
Commercial Industrial Commercial Industrial
RESISTANCE
10K 100K 10K 100K
DATA SHEET
SAMPLE QTY
CAT5111 CAT5113
100-Tap DPP with Buffered Wiper 100-Tap DPP
COMPANY INFORMATION first name company street address 1 street address 2 city state/mail code last name web site department title email address telephone fax zip/country
Affix Postage Here
Attn: Sample & Literature Fulfillment Catalyst Semiconductor, Inc. 1250 Borregas Avenue Sunnyvale, CA 94089-1309 USA
fold here seal here


▲Up To Search▲   

 
Price & Availability of CAT5111PI-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X